Part Number Hot Search : 
ASL52D6 DS128 124N25 FR107 XC2385A BR102 4HCT04 XC2385A
Product Description
Full Text Search
 

To Download PT481FE0000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sheet no.: d1-a01401en date: november 30, 2007 ?sharp corporation PT481FE0000F PT481FE0000F opaque resin, narrow directivity angle, darlington phototransistor notice the content of data sheet is subject to change without prior notice. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the la test device specification sheets before usin g any sharp device. features 1. side view detection package with long terminal 2. plastic mold with opaque resin lens 3. peak sensitivity wavelength: 860 nm (typ.) 4. high sensitivity (i c : 10.0 ma typ.) 5. narrow acceptance angle ( ? 13 typ.) 6. lead free and rohs directive compliant agency approvals/compliance 1. compliant with rohs directive (2002/95/ec) 2. content information about the six substances specified in ?management methods for control of pollution caused by electronic information prod- ucts regulation? (popular name: china rohs) (chinese: ); refer to page 7. applications 1. optoelectronic switches 2. automatic stroboscopes 3. mechanical systems 4. office automation equipment 5. audio visual equipment
sheet no.: d1-a01401en 2 PT481FE0000F external dimensions r0. 8 0.1 2-c0.5 2.15 2.95 (6) 1.6 (6) (6) (6) (6) (6) 2. 8 (2.54) 3.0 0.15 0.2 max. resin bu rr 0.5 max. gate bu rr 1.0 max. resin bu rr 0.5 mi n . 17.5 1.4 (1.7) black marking 1.5 4.0 +1.5 -1.0 2 - 0.4 +0.3 -0.1 0.5 0.75 1.15 (60) 2 - 0.45 +0.3 -0.1 2 - 0. 8 (4) (4) (4) (4) 0.15 max. 1.5 e. pi n r0.5 1 2 1 2 1 2 emitter collector no. name pin arran g ement terminal connection notes: 1. units: mm 2. unspecified tolerence: 0.2 mm 3. ( ): reference dimensions 4. package: visi b le light c u t-off epoxy resin ( b lack) 5. mold bu rrs (0.05 mm max.) are not incl u ded in o u tline dimensions 6. resin protr u sion: 1.0 mm max. 7. lead step is 1.4 mm max. from the part?s resin
sheet no.: d1-a01401en 3 PT481FE0000F absolute maximum ratings * 1 5 s (max.) no closer than 1.4 mm from resin edge. electro-optical charactertistics * 1 ee: irradiance by cie standard light source a (tungsten lamp) parameter symbol rating unit collector-emitter voltage v ceo 35 v emitter-collector voltage v eco 6 v collector current i c 50 ma collector power dissipation p c 75 mw operating temperature topr -25 to +85 c storage temperature tstg -40 to +85 c soldering temperature *1 tsol 260 c parameter symbol conditi ons *1 min. typ. max. unit collector current i c ee = 0.1 mw/cm 2 , v ce = 2 v 0.9 ? 27 ma dark current i ceo ee = 0, v ce = 10 v ? 1.0 1000 na collector-emitter saturation voltage v ce (sat) ee = 1 mw/cm 2 , i c = 1.5 ma ? 0.7 1.0 v collector-emitter breakdown voltage b v ceo i c = 0.1 ma, ee = 0 35 ? ? v emitter-collector breakdown voltage b v eco i e = 0.01 ma, ee = 0 6 ? ? v peak sensitivity wavelength p ? ? 860 ? nm response time (rise) tr v ce = 2 v , i c = 10 ma, r l = 100 ?80 ?s response time (fall) tf ? 70 ? s fig. 1 collector po wer dissipation vs. ambient temperature 8 0 70 75 60 50 40 30 20 15 10 0 -25 0 25 am b ient temperat u re ta (c) collector po w er dissipation p c (m w ) 50 75 8 5100 fig. 2 spectral s ensitivity (typ.) 0 10 20 30 40 50 60 70 8 0 90 100 w a v elength (nm) 400 500 600 700 8 00 900 1000 1100 relati v e sensiti v ity (%) ta = 25c (ta = 25c) (ta = 25c)
sheet no.: d1-a01401en 4 PT481FE0000F fig. 3 collector dark current vs. ambient temperature fig. 4 collector cu rrent vs. irradiance collector dark c u rrent i ceo (a) v ce = 10 v 10 -6 10 - 8 10 -7 10 -9 10 -10 10 -11 10 -12 10 -13 025 -25 am b ient temperat u re ta (c) 50 75 100 10 1 2510 -1 irradiance ee (m w /cm 2 ) collector c u rrent i c (ma) 1 v ce = 2 v ta = 25c fig. 5 relative coll ector current vs. ambient temperature fig. 6 collector current vs. collector-emitter voltage 175 150 125 100 75 50 -25 0 25 am b ient temperat u re ta (c) relati v e collector c u rrent (%) 50 75 100 v ce = 2 v ee = 0.1 m w /cm 2 0.0 8 m w /cm 2 0.06 m w /cm 2 0.04 m w /cm 2 0.02 m w /cm 2 16 14 12 10 8 0 2 4 6 02 collector-emitter v oltage v ce (v) collector c u rrent i c (ma) 46 8 10 12 14 16 ta = 25c p c (max.) 0.15 m w /cm 2 0.1 m w /cm 2 ee = 0.2 m w /cm 2
sheet no.: d1-a01401en 5 PT481FE0000F fig. 7 response time vs. load resistance fig. 8 test circuit for response time fig. 9 collector-to- emitter saturation voltage vs. irradience response time ( s) 10 v ce = 2 v i c = 10 ma ta = 25c 100 load resistance r l (  ) 1000 10 100 5000 1 1000 t r t f t d t s o u tp u t o u tp u t v cc r l inp u t t f t r t d t s 90% 10% 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 0.01 0.1 0.005 0.5 1 0.02 irradiance ee (m w /cm 2 ) 0.05 0.2 collector-emitter sat u ration v oltage v ce (sat) (v) i c = 0.5 ma 1 ma 2 ma 5 ma 10 ma 20 ma (ta = 25 c) fig. 10 relative output vs distance fig. 11 sensitivity vs. axis (typ.) relati v e o u tp u t (%) 110 emitter: gl4 8 0e00000f 1 10 100 distance b et w een emitter and detector (mm) ang u lar displacement relati v e sensiti v ity (%) -30 -20 -10 +10 +20 0 -40 -50 -60 -70 - 8 0 -90 0 +30 (ta = 25 c) +40 +50 +60 +70 + 8 0 +90 100 8 0 60 40 20 graph data is for reference only and is not guaranteed data.
sheet no.: d1-a01401en 6 PT481FE0000F design notes 1. this product is not designed to resist el ectromagnetic and ionized-particle radiation. manufacturing guidelines soldering instructions 1. sharp does not recommend soldering this part using pre heat or solder reflow methods. leads on this part are pre-coated with lead-free solder. 2. if hand soldering, use temperatures 260 for 5 seconds. 3. when mounting this device, care should be taken to prevent any boundary exfoliation (pad lifting) between the solder, the pad, and the circuit board. 4. do not subject the package to excessive mechanical force during soldering as it may cause deformation or defects in plated connections. internal connections may be severed due to mechanical force placed on the pack- age due to the pcb flexing during the soldering process. cleaning instructions 1. confirm this device's resistance to process chemicals be fore use, as certain process chemicals may affect the optical characteristics. 2. solvent cleaning: solvent temperature should be 45c or below. immersion time should be 3 minutes or less. 3. ultrasonic cleaning: the effect upon devices varies d ue to cleaning bath size, ultrasonic power output, cleaning time, pcb size and device mounting circumstances. sharp recommends testing using actual production condi- tions to confirm the harmlessness of the ultrasonic cleaning methods. 4. recommended solvent materials: ethyl alcohol, methyl alcohol, and isopropyl alcohol. fig. 12 soldering area 1.4 mm soldera b le
sheet no.: d1-a01401en 7 PT481FE0000F presence of odcs (rohs compliance) this product shall not contain the following materials, and they are not used in the production process for this product: ? regulated substances: cfcs, halon, carbon tetrachlor ide, 1,1,1-trichloroethane (methylchloroform). specific brominated flame retardants such as the pbbos and pbbs are not used in this product at all. this product shall not contain the following materials banned in the rohs directive (2002/95/ec). ? lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb), polybrominated diphenyl ethers (pbde). ? content information about the six substances specified in ?management methods for control of pollution caused by electronic informatio n products regulation? (chinese: ) note: ? indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is below the conc entration limit requirement as described in sj/t 11363-2006 standard. category toxic and hazdardous substances lead (pb) mercury (hg) cadmium (cd) hexavalent chromiun (cr 6+ ) polybrominated biphenyls (pbb) polybrominated diphenyl ethers (pbde) photo transistor ??????
sheet no.: d1-a01401en 8 PT481FE0000F packing specifications 1. parts are packed in a plastic zipper bag, with a quantity of 1000 pieces per bag. 2. bags are secured in a box as shown in figure 13. 3. product mass: 0.09 g (approximately) fig. 13 packing composition inner packin g plastic zipper b ag w ith prod u cts (2 b ags) cellophane tape packing case model n o., q u antity, and lot n o. c u shioning material (2 sheets) plastic zipper b ag prod u ct (1000 pcs) notes: 1. inner packing material : plastic zipper bag (polyethylene) 2. q u antity: 1000 pcs/ b ag notes: 1. o u ter material : packing case (corr u gated card b oard), c u shioning material (urethane), cellophane tape 2. q u antity: 2000 pcs/ b ox 3. reg u lar packaged mass: approximately 270 g 4. indication: model n o., q u antity, and lot n o. outer packin g c u shioning material (2 sheets)
important notices the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of sharp?s devices. contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the specifications, characteristi cs, data materials, struc- ture, and other contents described herein at any time without notice in order to im prove design or reliability. manufacturing locations are also subject to change without notice. observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment (terminal) --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii) measures such as fail-safe function and redundant design should be taken to en sure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliabilty such as: --- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- v arious safety devices, etc. (iii) sharp devices shall not be used for or in connec- tion with equipment that requires an extremely high level of reliability an d safety such as: --- space applications --- telecommunication equipment (trunk lines) --- nuclear power control equipment --- medical and other life support equipment (e.g. scuba) if the sharp devices listed in this publication fall within the scope of strategic products described in the foreign exchange and foreign trade law of japan, it is necessary to obtain approval to export such sharp devices. this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be repro- duced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. contact and consult with a sharp representative if there are any questions about the contents of this pub- lication. sheet no.: d1-a01401en 9 PT481FE0000F


▲Up To Search▲   

 
Price & Availability of PT481FE0000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X